PART |
Description |
Maker |
8485A 8485D Q8486D W8486A R8486A Q8486A R8486D E44 |
8485A Power Sensor, 50 MHz to 26.5 GHz 8485D Diode Power Sensor, 50 MHz to 26.5 GHz Q8486D Waveguide Power Sensor, 33 GHz to 50 GHz W8486A Waveguide Power Sensor, 75 GHz to 110 GHz R8486A Thermocouple Waveguide Power Sensor, 26.5 GHz to 40 GHz Q8486A Thermocouple Waveguide Power Sensor, 33 GHz to 50 GHz R8486D Waveguide Power Sensor, 26.5 GHz to 40 GHz E4412A Wide Dynamic Range Power Sensor, E-Series E4413A Wide Dynamic Range Power Sensor, E-Series V8486A V-band Power Sensor, 50 GHz to 75 GHz 8482B High-Power Sensor, 100 kHz to 4.2 GHz, 25W 8487A Power Sensor, 50 MHz to 50 GHz 8482H Power Sensor, 100 kHz to 4.2 GHz, 3 W 8481D Diode Power Sensor, 10 MHz to 18 GHz
|
Agilent (Hewlett-Packard)
|
EVAL-ADG936EB ADG936 ADG936BCP ADG936BCP-500RL7 AD |
Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT 宽带4千兆赫,36千兆赫的CMOS 1.65 V分贝.75 V的隔离,双路SPDT Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT DUAL 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, QCC20
|
AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
RFSP2010 PRFS-P2010-006 P2010-DSH_E PRFS-P2010-005 |
The RFS P2010 power amplifier is a high-performance GaAs HBT IC designed for use in a transmit applications in the 2.4-2.5 GHz frequency ... 2.4-2.5 GHz Power Amplifier From old datasheet system 2.4?2.5 GHz Power Amplifier Single-band power amplifiers 2.42.5 GHz Power Amplifier 2400 MHz - 2500 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER
|
ANADIGICS[ANADIGICS, Inc] ANADIGICS[ANADIGICS Inc] ANADIGICS Inc ANADIGICS, Inc.
|
87310B 87300B 87300C 87301D |
87310B Coaxial Hybrid Coupler 90 Degree 1 GHz to 18 GHz 87301B Coaxial Directional Coupler 10 to 46 GHz
|
Agilent (Hewlett-Packard)
|
UPB585G UPB1510 UPB1510GV UPB1510GV-E1 |
3 GHz INPUT DIVIDE BY 4 PRESCALER IC FOR DBS TUNERS 3 GHz Input Divided By 4 Prescale(3 GHz 定标
|
NEC[NEC] NEC Corp.
|
PE-W22B001 |
WR-22 Instrumentation Grade Waveguide E-Bend with UG-383-U Flange Operating from 33 GHz to 50 GHz
|
Pasternack Enterprises,...
|
PE71S2017 |
SMA SPDT PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 30 dBm
|
Pasternack Enterprises,...
|
PE71S2015 |
SMA SPST PIN Diode Switch Operating From 2 GHz to 26.5 GHz Up To 30 dBm
|
Pasternack Enterprises,...
|
PE-W51TF005-24 |
WR-51 Flexible Waveguide Twist With a Square Cover Flange Operating From 15 GHz to 22 GHz
|
Pasternack Enterprises,...
|
MAMX-008611-TR1000 MAMX-008611-TR3000 MAMX-008611 |
Low Cost MMIC Mixer with Local Oscillator Amplifier 0.8 GHz - 1.0 GHz
|
MACOM[Tyco Electronics]
|
UPG2162T5N-09 |
DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
|
California Eastern Labs
|
AGR26045EF |
45 W, 2.535 GHz-2.655 GHz, N-Channel E-Mode, Lateral MOSFET
|
TriQuint Semiconductor
|